PART |
Description |
Maker |
PC8171XNSZ |
Dip 4Pin High CMR / Low Input Current Photocoupler
|
Sharp
|
PS2815-4-V-F4-A PS2815-1 PS2815-1-A PS2815-1-F3 PS |
LOW (AC) INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
|
California Eastern Laboratories CEL[California Eastern Labs]
|
PS2811-1-F3 PS2811-1-F4 PS2811-1-V PS2811-1-V-F3 P |
LOW INPUT CURRENT, HIGH CTR 4, 16-PIN SSOP PHOTOCOUPLER
|
Renesas Electronics Corporation
|
P94506I |
Serial ATA (SATA) Power Adapter Extender Cable (4pin-4pin plus 15pin SATA), 6-in
|
Tripp Lite. All Rights ...
|
ISL28238 ISL28238FBZ ISL28238FBZ-T7 ISL28238FUZ IS |
4.5MHz, Single Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current; Temperature Range: Full-Range Ind; Package: 8-SOIC OP-AMP, 650 uV OFFSET-MAX, 4.5 MHz BAND WIDTH, PDSO8 4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
|
Intersil, Corp. Intersil Corporation
|
OP08 OP08NT OP08N OP08E OP08A OP08G OP-08 OP-08A O |
PRECISION LOW-INPUT-CURRENT OPERATIONAL AMPLIFIER Precision Low Input Current Operational Amplifier 1"SERIES 35 CONDUIT BODY 精密低输入电流运算放大器
|
List of Unclassifed Manufacturers ETC[ETC] PMI Electronic Theatre Controls, Inc.
|
AL3K-67132L-70 ALS3-67132L-70 AL1K-67142L-70 ALS3- |
Push-Pull PWM Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 3-Phase, Buck Controllers for AMD CPUs; Package: SSOP; No of Pins: 36; Temperature Range: 0°C to 70°C Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C N-Channel MOSFET Gate Driver; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Low Input Voltage, DC/DC Controller for DDR/QDR Memory Termination; Package: SSOP; No of Pins: 24; Temperature Range: -40°C to 125°C x8 Dual-Port SRAM x8双端口SRAM
|
Qimonda AG Aeroflex, Inc. Advanced Interconnections, Corp.
|
6N138 E001819 6N139 |
IRED & PHOTO IC (CURRENT LOOP DRIVER/ LOW INPUT CURRENT LINE RECEIVER/ COMS LOGIC INTERFACE) IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE) CURRENT LOOP DRIVER LOW INPUT CURRENT LINE RECEIVER CMOS LOGIC INTERFACE From old datasheet system
|
TOSHIBA[Toshiba Semiconductor]
|
OP1177 OP1177AR OP1177ARM OP4177 OP4177AR OP4177AR |
Precision, Single, Low Noise Low Input Bias Current Operational Amplifiers Precision Low Noise, Low Input Bias Current Operational Amplifiers Precision Low Noise Low Input Bias Current Operational Amplifiers From old datasheet system
|
AD[Analog Devices]
|
PC3H411NIP PC3H410NIP |
Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
|
Sharp Electrionic Components
|
SFH628-2 SFH628-2X SFH628-3 SFH628-3X SFH628-4 SFH |
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 CHANNEL AC INPUT-TRANSISTOR OUTPUT OPTOCOUPLER
|
ISOCOM COMPONENTS LTD
|